PART |
Description |
Maker |
FT232R10 FT232R FT232RL-2000 FT232RQ-6000 |
USB UART IC - Single chip USB to asynchronous serial data transfer interface
|
Future Technology Devices International Ltd.
|
XR21V1414IM48 XR21V1414 |
UNIVERSAL SERIAL BUS CONTROLLER, PQFP48 4-CH FULL-SPEED USB UART
|
Exar Corporation
|
WT62P1-N40 WT62P1-N42 WT62P1-N28 WT62P1-K42 WT62P1 |
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface 数字控制的通用串行总线(USB)显示器微控制器接口
|
TE Connectivity, Ltd. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
AT76C711 |
The Atmel AT76C711, based on Atmels proprietary 8-bit AVR-enhanced RISC architecture, is a USB device designed to provide a high-speed USB interface to devices that need to communicate with a host through fast serial links like UARTs and
|
Atmel
|
82C52 |
Serial Controller Interface, UART, Baud Rate Generator, CMOS, 1M Baud
|
Intersil
|
SC16C850L SC16C850LIBS SC16C850LIET157 SC16C850LIB |
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT912-1 (TFBGA36); Container: Reel Pack, SMD, 7" 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PBGA36 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Single 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT912-1 (TFBGA36); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PBGA36
|
NXP Semiconductors N.V.
|
WT62P1 WT62P1-K42 WT62P1-N28 WT62P1-N40 WT62P1-N42 |
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface From old datasheet system
|
ETC[ETC]
|
AAT4650 AAT4650IAS-B1 AAT4650IAS-T1 AAT4650IHS-B1 |
Combo Serial / USB interface board with cutter control for FTP-629. 639 5V/3V PC Card Power Switch
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
SC16C852V08 SC16C852VIBS SC16C852VIET SC16C852VIET |
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface; Package: SOT912-1 (TFBGA36); Container: Tray Pack, Bakeable, Single 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PBGA36
|
NXP Semiconductors N.V.
|
USB3290-FH |
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface 2 CHANNEL(S), 12M bps, SERIAL COMM CONTROLLER, PBGA40
|
SMSC, Corp.
|
|